Part Number Hot Search : 
223J100 SS7N60 SS7N60 TLSH2100 250MA 15KPJ58 M8504 MAX150
Product Description
Full Text Search
 

To Download IRFBE30L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94694
Dynamic dv/dt Rating Repetitive Avalanche Rated Fast Switching Ease of Paralleling Simple Drive Requirements
G
HEXFET(R) Power MOSFET
D
IRFBE30S IRFBE30L
VDSS = 800V RDS(on) = 3.0
S
ID = 4.1A
Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
D2Pak IRFBE30S TO-262 IRFBE30L
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
Max.
4.1 2.6 16 125 1.0 20 260 4.1 13 2.0 -55 to + 150
Units
A
c
Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy (Thermally Limited) Avalanche Current
W W/C V mJ A mJ V/ns C
c Peak Diode Recovery dv/dt e
Repetitive Avalanche Energy Operating Junction and Storage Temperature Range
c
d
Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw
300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Min.
--- --- ---
Typ.
--- 0.50 ---
Max.
1.0 --- 62
Units
C/W
www.irf.com
1
06/11/03
IRFBE30S/IRFBE30L
Static @ TJ = 25C (unless otherwise specified)
Parameter
V(BR)DSS VDSS/TJ RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. Typ. Max. Units
800 --- --- 2.0 2.5 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 0.90 --- --- --- --- --- --- --- --- --- --- 12 33 82 30 4.5 7.5 1300 310 190 --- --- 3.0 4.0 --- 100 500 100 -100 78 9.6 45 --- --- --- --- --- --- --- --- ---
Conditions
V VGS = 0V, ID = 250A V/C Reference to 25C, ID = 1mA VGS = 10V, ID = 2.5A V VDS = VGS, ID = 250A S VDS = 100V, ID = 2.5A A VDS = 800V, VGS = 0V VDS = 640V, VGS = 0V, TJ = 125C nA VGS = 20V VGS = -20V nC ID = 4.1A VDS = 400V VGS = 10V, See Fig. 6 & 13 VDD = 400V ns ID = 4.1A RG = 12 RD = 95, See Fig. 10 D nH Between lead,
f
f
f
6mm (0.25in.) from package and center of die contact VGS = 0V VDS = 25V = 1.0MHz, See Fig. 5
G
S
pF
Diode Characteristics
Parameter
IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 480 1.8 4.1 A 16 1.8 720 2.7 V ns nC
Conditions
MOSFET symbol showing the integral reverse
G D
p-n junction diode. TJ = 25C, IS = 4.1A, VGS = 0V TJ = 25C, IF = 4.1A di/dt = 100A/s
f
S
f
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes: Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). VDD=50V, starting TJ = 25C, L=29mH, RG=25,
ISD 4.1A, di/dt 100A/s, VDD 600, Pulse width 300s; duty cycle 2%.
TJ 150C.
I AS = 4.1A. (See Figure 12).
2
www.irf.com
IRFBE30S/IRFBE30L
www.irf.com
3
IRFBE30S/IRFBE30L
4
www.irf.com
IRFBE30S/IRFBE30L
www.irf.com
5
IRFBE30S/IRFBE30L
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFBE30L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X